PART |
Description |
Maker |
ECOS2CA271 ECOS1EA332CL ECOS1KA681BA TS-HA ECOS1AA |
CAP .033UF 50V PPS FILM ECH-S CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 12000 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 8200 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 22000 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 2200 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 6800 uF, THROUGH HOLE MOUNT Single Slot PC CardBus Controller 144-BGA MICROSTAR 0 to 70 Replaced by PCI1510 : PC Card Controller 144-LQFP 0 to 70 Replaced by PCI1520 : PCI-to-PC Card Controller 209-BGA MICROSTAR Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TVSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-VQFN -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SOIC -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP/QSOP -40 to 85 Replaced by PCI1520 : PC Card Controller 256-BGA Ring Tongue Solderless Terminal; Wire Size (AWG):1/0; Stud Size:3/4 Replaced by PCI1520 : PC Card Controller 257-BGA MICROSTAR 005279 0.01UF 16V 0402. Large Can Aluminum Electrolytic Capacitors
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor] http://
|
PCA9673 |
Remote 16-bit I/O expander
|
NXP Semiconductors
|
PCA9655E |
PCA9655E Remote 16-bit I/O Expander
|
ON Semiconductor
|
PCF8574 PCF8574TS |
Remote 8-bit I/O expander for I2C-bus
|
NXP Semiconductors
|
PCA8575 PCA8575BQ PCA8575BS PCA8575D PCA8575DB PCA |
Remote 16-bit I/O expander for I2C-bus with interrupt; Package: SOT616-1 (HVQFN24); Container: Reel Pack, SMD, 13" 18 I/O, PIA-GENERAL PURPOSE, PQCC24 Remote 16-bit I/O expander for I2C-bus with interrupt; Package: SOT340-1 (SSOP24); Container: Reel Pack, SMD, 13" 18 I/O, PIA-GENERAL PURPOSE, PDSO24
|
NXP Semiconductors N.V.
|
MCP23008 MCP23008-E_P MCP23008-E_SO MCP23008-E_SS |
8-bit port expander with interrupt output 2 adddress inputs for up to 4 devices on one bus 25mA sink/source capability per I/O ... 8-bit port expander with interrupt output 3 adddress inputs for up to 8 devices on one bus 25mA sink/source capability per I/O ... 8-Bit I/O Expander with Serial Interface
|
Microchip Technology
|
STMPE610 STMPE610QTR |
S-Touch? advanced touchscreen controller with 6-bit port expander S-Touch垄芒: advanced touchscreen controller with 6-bit port expander
|
STMicroelectronics
|
M62376GP M62376 M62376E |
From old datasheet system 8-BIT 12CH D-A CONVERTER IC BUILT-IN 12-BIT I/O EXPANDER
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M62376GP |
8-BIT 12CH D-A CONVERTER IC BUILT-IN 12-BIT I/O EXPANDER
|
Mitsubishi Electric Corporation
|
R8A66151SP |
24-BIT I/O EXPANDER
|
Renesas Electronics Corporation
|
CY8C9520A CY8C9520A-24PVXI CY8C9520A-24PVXIT CY8C9 |
20-, 40-, and 60-Bit IO Expander with EEPROM
|
Cypress Semiconductor
|